Part Number Hot Search : 
IP78M00A TDA1029N 15AG03LF SKY77181 124CV2 AN1296 MUR12 TPUTX
Product Description
Full Text Search
 

To Download NZT60507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2006 fairchild semiconductor corporation 1 www.fairchildsemi.com nzt605 rev. c nzt605 npn darlington transistor january 2007 nzt605 npn darlington transistor ? this device designed for applications requi ring extremely high gain at collector currents to 1.0a and high breakdown voltage. ? sourced from process 06. absolute maximum ratings * t c = 25 c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. notes: 1. these ratings are based on a maximum junction temperature of 150 degrees c. 2. these are steady limits. the factory should be consulted on application involving pulsed or low duty cycle operations electrical characteristics * t c = 25c unless otherwise noted * pulse test: pulse width 300 s, duty cycle 2.0% symbol parameter value units v ceo collector-emitter voltage 110 v v cbo collector-base voltage 140 v v ebo emitter-base voltage 10 v i c collector current - continuous 1.5 a t j , t stg operating and storage junction temperature range -55 to +150 c symbol parameter conditions min. max units off characteristics v (br)ceo collector-emitter breakdown voltage * i c = 10ma, i b = 0 110 v v (br)cbo collector-base breakdown voltage i c = 100 a, i e = 0 140 v v (br)ebo emitter-base breakdown voltage i e = 100 a, i c = 0 10 v i cbo collector cutoff current v cb = 120v, i e = 0 10 na i ces collector cutoff current v ce = 120v, i e = 0 10 na i ebo emitter cut-off current v eb = 8.0v, i c = 0 100 na on characteristics * h fe dc current gain v ce = 5.0v, i c = 50ma v ce = 5.0v, i c = 500ma v ce = 5.0v, i c = 1.0a v ce = 5.0v, i c = 1.5a v ce = 5.0v, i c = 2.0a 2000 5000 2000 300 200 100k v ce(sat) collector-emitter saturation voltage i c = 250ma, i b = 0.25ma i c = 1.0a, i b = 1.0ma 1 1.5 v v be(sat) base-emitter saturation voltage i c = 1.0a, i b = 1.0ma 1.8 v v be(on) base-emitter on voltage i c = 1.0a, v ce = 5.0v 1.7 v small signal characteristics f t transition frequency i c = 100ma, v ce = 10v, f = 20mhz 150 mhz sot-223 1. base 2.4. collector 3. emitter 1 2 4 3
2 www.fairchildsemi.com nzt605 rev. c nzt605 npn darlington transistor thermal characteristics t a = 25c unless otherwise noted * device mounted on fr-4pcb 36mm 18mm 1.5mm; mounting pad for the collector lead min. 6cm 2 symbol parameter max. units p d total device dissipation derate above 25 c 1,000 8.0 mw mw/ c r ja thermal resistance, junction to ambient 125 c/w
3 www.fairchildsemi.com nzt605 rev. c nzt605 npn darlington transistor mechanical dimensions 3.00 0.10 7.00 0.30 0.65 0.20 0.08max 3.50 0.20 1 .60 0.20 ( 0.46) ( 0.89) (0.60) (0.60) 1.75 0.20 0.70 0.10 4.60 0.25 6.50 0.20 (0.95) (0.95) 2.30 typ 0.25 max1.80 0 ~10 +0.10 ?.05 0.06 +0.04 ?.02 sot-223 dimensions in millimeters
fairchild semiconductor trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intend ed to be an exhaustive list of all such trademarks. nzt605 npn darlington transistor disclaimer fairchild semiconductor reserves the righ t to make changes without further notice to any products herein to improve reliability, functio n or design. fairchild does no t assume any liability arising out of the application or use of any product or circuit described herein;neither does it convey any li cense under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, spe- cifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in th e labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reason ably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the des ign specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datas heet contains final s pecifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specific ations on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. fact quiet series? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? scalarpump? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tcm? tinyboost? tinybuck? tinypwm? tinypower? tinylogic ? tinyopto? trutranslation? uhc ? unifet? vcx? wire? acex? activearray? bottomless? build it now? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact ? fast ? fastr? fps? frfet? across the board. around the world.? the power franchise ? programmable active droop? rev. i22 4 www.fairchildsemi.com nzt605 rev. c nzt605 npn darlington transistor


▲Up To Search▲   

 
Price & Availability of NZT60507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X